Part Number Hot Search : 
STK17 00159 STK4028X 80C53 196KFKR 645ET CY14B108 JANSR2
Product Description
Full Text Search
 

To Download BD746C-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bd746, bd746a, bd746b, bd746c pnp silicon power transistors  
  1 august 1978 - revised september 2002 specifications are subject to change without notice. designed for complementary use with the bd745 series 115 w at 25c case temperature 20 a continuous collector current 25 a peak collector current customer-specified selections available absolute maximum ratings at 25c case temperature (unless otherwise noted) notes: 1. this value applies for t p 0.3 ms, duty cycle 10%. 2. derate linearly to 150c case temperature at the rate of 0.92 w/c. 3. derate linearly to 150c free air temperature at the rate of 28 mw/c. 4. this rating is based on the capability of the transistor to operate safely in a circuit of: l = 20 mh, i b(on) = -0.4 a, r be = 100 ? , v be(off) = 0, r s = 0.1 ? , v cc = -20 v. rating symbol value unit collector-base voltage (i e = 0) bd746 bd746a bd746b bd746c v cbo -50 -70 -90 -110 v collector-emitter voltage (i b = 0) bd746 bd746a bd746b bd746c v ceo -45 -60 -80 -100 v emitter-base voltage v ebo -5 v continuous collector current i c -20 a peak collector current (see note 1) i cm -25 a continuous base current i b -7 a continuous device dissipation at (or below) 25c case temperature (see note 2) p tot 115 w continuous device dissipation at (or below) 25c free air temperature (see note 3) p tot 3.5 w unclamped inductive load energy (see note 4) ?li c 2 90 mj operating free air temperat ure r ange t a -65 to +150 c operating junction temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c lead temperature 3.2 mm from case for 10 seconds t l 260 c sot-93 package (top view) pin 2 is in electrical contact with the mounting base. mdtraaa b c e 1 2 3
bd746, bd746a, bd746b, bd746c pnp silicon power transistors 2  
  august 1978 - revised september 2002 specifications are subject to change without notice. notes: 5. these parameters must be measured using pulse techniques, t p = 300 s, duty cycle 2%. 6. these parameters must be measured using voltage-sensing contacts, separate from the current carrying conta cts. ? voltage and current values shown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25c case temperature (unless otherwise noted) parameter test conditions min typ max unit v (br)ceo collector-emitter breakdown voltage i c = -30 ma i b = 0 (see note 5) bd746 bd746a bd746b bd746c -45 -60 -80 -100 v i cbo collector cut-off current v ce = -50 v v ce = -70 v v ce = -90 v v ce = -110 v v ce = -50 v v ce = -70 v v ce = -90 v v ce = -110 v v be =0 v be =0 v be =0 v be =0 v be =0 v be =0 v be =0 v be =0 t c = 125c t c = 125c t c = 125c t c = 125c bd746 bd746a bd746b bd746c bd746 bd746a bd746b bd746c -0.1 -0.1 -0.1 -0.1 -5 -5 -5 -5 ma i ceo collector cut-off current v ce = -30 v v ce = -60 v i b =0 i b =0 bd746/746a bd746b/746c -0.1 -0.1 ma i ebo emitter cut-off current v eb = -5 v i c =0 -0.5 ma h fe forward current transfer ratio v ce = -4 v v ce = -4 v v ce = -4 v i c = -1a i c = -5a i c =-20a (see notes 5 and 6) 40 20 5 150 v ce(sat) collector-emitter saturation voltage i b = -0.5 a i b = -5 a i c = -5a i c = -20 a (see notes 5 and 6) -1 -3 v v be base-emitter voltage v ce = -4 v v ce = -4 v i c = -5 a i c =-20 a (see notes 5 and 6) -1 -3 v h fe small signal forward current transfer ratio v ce = -10 v i c = -1a f = 1 khz 25 | h fe | small signal forward current transfer ratio v ce = -10 v i c = -1a f = 1 mhz 5 thermal characteristics parameter min typ max unit r jc junction to case thermal resistance 1.1 c/w r ja junction to free air thermal resistance 35.7 c/w resistive-load-switching characteristics at 25c case temperature parameter test conditions ? min typ max unit t d delay time i c = -5 a v be(off) = 4.2 v i b(on) = -0.5 a r l = 6 ? i b(off) = 0.5 a t p = 20 s, dc 2% 20 ns t r rise time 120 ns t s storage time 600 ns t f fall time 300 ns
bd746, bd746a, bd746b, bd746c pnp silicon power transistors 3  
  august 1978 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 1. figure 2. maximum safe operating regions figure 3. typical dc current gain vs collector current i c - collector current - a -01 -10 -10 -100 h fe - dc current gain 10 100 1000 tcs636ae t c = 125c t c = 25c t c = -55c v ce = -4 v t p = 300 s, duty cycle < 2% collector-emitter saturation voltage vs collector current i c - collector current - a -01 -10 -10 -100 v ce(sat) - collector-emitter saturation voltage - v -001 -01 -10 -10 tcs636af t c = -55c t c = 25c t c = 125c t p = 300s, duty cycle < 2% i c i b = 10 maximum forward-bias safe operating area v ce - collector-emitter voltage - v -10 -10 -100 -1000 i c - collector current - a -001 -01 -10 -10 -100 sas635ac bd746 bd746a bd746b bd746c t p = 1 ms, d = 0.1 = 10% t p = 10 ms, d = 0.1 = 10% t p = 50 ms, d = 0.1 = 10% dc operation
bd746, bd746a, bd746b, bd746c pnp silicon power transistors 4  
  august 1978 - revised september 2002 specifications are subject to change without notice. thermal information figure 4. maximum power dissipation vs case temperature t c - case temperature - c 0 25 50 75 100 125 150 p tot - maximum power dissipation - w 0 20 40 60 80 100 120 tis635ab


▲Up To Search▲   

 
Price & Availability of BD746C-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X